PART |
Description |
Maker |
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
IRFPC60LC-P IRFPC60LC-PPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247SM package TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 16A I(D) | TO-247AC 16 A, 600 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC TO-247AC, 3 PIN
|
International Rectifier Vishay Intertechnology, Inc.
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
IRFU1N60A IRFR1N60A IRFR1N60ATR IRFR1N60ATRL IRFR1 |
600V Single N-Channel HEXFET Power MOSFET in a D-Pak package 600V Single N-Channel HEXFET Power MOSFET in a I-Pak package SMPS MOSFET Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
|
IRF[International Rectifier]
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
STQ1NC60R |
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?II Power MOSFET N-CHANNEL 600V 12 OHM 0.3A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH⑩II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFIBC40GLC IRFIBC40GLCPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
|
IRF[International Rectifier]
|
FQT1N60C FQT1N60CTF-WS |
N-Channel QFETMOSFET 600V, 0.2A, 11.5 N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
|
Fairchild Semiconductor
|
SSW2N60B 2N60B SSI2N60B SSW2N60BTM |
600V N-Channel B-FET / Substitute of SSW2N60A 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STW10NB60 6241 |
N-CHANNEL Power MOSFET N - CHANNEL 600V - 0.69 - 10A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|